Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV895 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV895
Description  Liquid Lens Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV895 Datasheet(HTML) 2 Page - Supertex, Inc

  HV895 Datasheet HTML 1Page - Supertex, Inc HV895 Datasheet HTML 2Page - Supertex, Inc HV895 Datasheet HTML 3Page - Supertex, Inc HV895 Datasheet HTML 4Page - Supertex, Inc HV895 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HV895
Ordering Information
Device
Die Option
HV895BD
Lead-free
solder-bumped die
This product is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN, VDD
-0.5V to 6.5V
SDA, SCL
-0.5V to 6.5V
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
Electrical Specifications (Over recommended operating conditions @ 25OC unless otherwise specified)
Device may not meet specifications, but will incur no damage.
Ball Configuration
Product Marking
Solder-bumped Die
(bottom view)
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IN
Supply voltage
2.65
-
5.5
V
---
V
DD
I2C logic level reference
1.70
-
2.95
V
---
t
VIN
Time for V
IN to ramp to 90%
(1)
-
-
2.0
ms
---
C
IN
Supply bypass capacitor
-
2.2
-
μF
---
C
HV
High voltage storage capacitor
24
-
-
x C
LOAD
100V rating
C
LOAD
Load (lens) capacitance
100
150
200
pF
---
f
SCL
I2C clock
-
-
400
kHz
---
T
A
Ambient temperature
-25
-
+85
OC
---
Notes:
1. To assure the driver powers up in standby state. No damage will occur if ramped up slower.
DUM2
VIN1
DUM1
GND1
VDD
VIN2
SDA
GND2
SCL
HV
OUT1
OUT2
89
5
B
D
Y
W
LLL
L
LL
LLL
L
Orientation
mark
HV
Y = Year
W = Week
L = Lot Number
Solder-bumped Die
(top view)
Sym
Parameter
Min
Typ
Max
Units
Conditions
I
IN
V
IN supply current
-
-
8.0
500
20
nA
mA
AMP = 00h, SDA = V
DD, SCL = VDD
AMP = FFh, SDA = V
DD, SCL = VDD
I
DD
V
DD supply current
-
-
9.0
500
12
nA
μA
AMP = 00h, SDA = V
DD, SCL = VDD
AMP = FFh, SDA = V
DD, SCL = VDD
HV
Output voltage of internal boost
converter
71
75
79
V
C
LOAD = 0pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com