Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1403ASMQ6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM1403ASMQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASMQ6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM1403ASMQ6F Datasheet HTML 8Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 9Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 10Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 11Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 12Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 13Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 14Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 15Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Pin descriptions
STM1403
12/35
1.
STM1403A (VOUT remains ON when SAL is active-low): Vccsw pin will continue to
operate in normal mode;
2.
STM1403B (VOUT is taken to High-Z when SAL is active-low): Vccsw pin will be set to
high when this occurs; and
3.
STM1403C (VOUT is driven to ground when SAL is active-low): Vccsw pin will be set to
high when this occurs.
2.1.4
BLD, VBAT low voltage detect output (open drain)
This is an internally loaded test of the battery, activated only during a power-up sequence to
insure that the battery is good either prior to or after encapsulation of the module. There are
three customer options for VDET:
●
2.3 V (2.5 V – external diode drop of about 0.2 V) for a 3 V lithium cell
●
2.5 V (2.7 V – 0.2 V) for a 3 V lithium cell or
●
3.2 V (3.4 V – 0.2 V) for a 3.68 V lithium “AA” battery
This output pin will go active-low when it detects a voltage on the VBAT pin below VDET. BLD
will be released when VCC drops below VRST.
2.1.5
Active-low RST output (open drain)
Goes low and stays low when VCC drops below VRST (reset threshold selected by the
customer), or when MR is logic low. It remains low for trec (200ms, typical) AFTER VCC rises
above VRST and MR goes from low to high.
2.1.6
MR, manual reset input
A logic low on MR asserts the RST output. The RST output remains asserted as long as MR
is low and for trec after MR returns to high. This active low input has an internal 40 kΩ
(typical) pull-up resistor. It can be driven from a TTL or CMOS logic line or shorted to ground
with a switch. Leave it open if unused.
2.1.7
PFO, power-fail output (open drain)
When PFI is less than VPFI (power-fail input threshold voltage) or VCC falls below VSW
(battery switchover threshold ~ 2.4 V), PFO goes low, otherwise, PFO remains high. Leave
this pin open if unused.
2.1.8
PFI, power-fail input
When PFI is less than VPFI, or when VCC falls below VSW (see PFO, above), PFO goes
active-low. If this function is unused, connect this pin to VSS.
2.1.9
VREF, reference voltage output (1.237, typ)
This is valid only when VCC is between 2.4 V and 3.6 V. When VCC falls below 2.4 V (VSW),
VREF is pulled to ground with an internal 100 kΩ resistor. This is an optional feature
available on the STM1403A. On the STM1403B/C, this pin is VTPU (internally switched VCC
or VBAT). If unused, this pin should float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com