Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1403ASMQ6F Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM1403ASMQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASMQ6F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM1403ASMQ6F Datasheet HTML 24Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 25Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 26Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 27Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 28Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 29Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 30Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 31Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
DC and AC parameters
STM1403
28/35
Table 7.
Physical and environmental tamper detection levels
Sym
Parameter
Test
conditions(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = VLV to VHV (except where noted).
Min
Typ
Max
Unit
VHV
Overvoltage trip level
4.0
4.2
4.4
V
VLV
Undervoltage trip level
1.9
2.0
2.1
V
SAL propagation delay time
(after over/under voltage
detection)
VHV + 200 mV or
VLV – 200 mV
25
50
µs
VHTP
Trip point for NH physical
tamper input pins (TP1 or TP3)
VOUT –
1.3 V(2)
2.
In the case of STM1403A, physical tamper input pins (TPX) are referenced to VOUT (pin 12). In the case of
STM1403B or C, TPX are referenced to VTPU pin (pin 9).
VOUT –
0.3 V(2)
V
VLTP
Trip point for NL physical
tamper input pins (TP2 or TP4)
0.3
1.0
V
SAL propagation delay time(3)
(after physical tamper pin
detection)
3.
VCC = VRST (max) to 3.6 V
VHTP =
VOUT/VTPU;
VLTP = VSS
VDD = 3.6
30
50
µs
Physical tamper input (TPX)
glitch immunity
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com