Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1403ASMQ6F Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM1403ASMQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASMQ6F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM1403ASMQ6F Datasheet HTML 21Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 22Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 23Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 24Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 25Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 26Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 27Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 28Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
STM1403
DC and AC parameters
25/35
Table 6.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC,
VBAT
(2)
Operating voltage
TA = –40 to +85°C
2.2
3.6
V
ICC
VCC supply current
(STM1403A)
Typ @ 3.3 V, 25°C
45
60
µA
VCC supply current
(STM1403B,C)
30
45
µA
VCC supply current in
battery backup mode
Excluding IOUT
(VBAT = 2.3 V, VCC = 2.0
V, MR = VCC)
25
35
µA
IBAT
(3)
VBAT supply current in
battery backup mode
Excluding IOUT
(VBAT = 3.6 V)
2.8
4.0
µA
VOUT1
VOUT voltage (active)
IOUT1 = 5 mA
(4)
(VCC > VSW)
VCC –
0.03
VCC –
0.015
V
IOUT1 = 80 mA
(VCC > VSW)
VCC –
0.3
VCC –
0.15
V
IOUT1 = 250 µA,
VCC > VSW
(4)
VCC –
0.0015
VCC –
0.0006
V
VOUT2
VOUT voltage (battery
backup)
IOUT2 = 250 µA,
VBAT = 2.2 V
VBAT –
0.1
VBAT –
0.04
V
IOUT2 = 1 mA,
VBAT = 2.2 V
VBAT –
0.16
V
VTPU1
Internal switched supply
voltage (active)
ISOURCE = 500 µA
(VCC > VSW)
VCC –
0.3
V
VTPU2
Internal switched supply
voltage (battery backup)
ISOURCE = 100 µA
(VBAT = 2.2 V)
VBAT –
0.10
V
ILI
Input leakage current (MR)MR = 0 V; VCC = 3 V
20
75
350
µA
Input leakage current (PFI)
0 V = VIN = VCC
–25
2
+25
nA
Input leakage current
(TP1-TP4)
0 V = VIN = VCC
–1
+1
µA
ILO
Output leakage current
0 V = VIN = VCC
(5)
–1
+1
µA
VIH
Input high voltage (MR)
VRST (max) < VCC < 3.6V
0.7VCC
V
VIL
Input low voltage (MR)0.3VCC
V
VOL
Output low voltage (PFO,
RST, Vccsw, SAL, BLD)
VCC = VRST (max),
ISINK = 3.2mA
0.3
V
VOL
Output low voltage (RST)
IOL = 40µA; VCC = 1.0V;
VBAT = VCC;
TA = 0°C to 85°C
0.3
V
IOL = 200µA;
VCC = 1.2V; VBAT = VCC
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com