Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1403ASMQ6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM1403ASMQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASMQ6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM1403ASMQ6F Datasheet HTML 11Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 12Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 13Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 14Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 15Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 16Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 17Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 18Page - STMicroelectronics STM1403ASMQ6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
STM1403
Operation
15/35
Table 3.
I/O status in battery backup
3.4
Power-fail input/output
The power-fail input (PFI) is compared to an internal reference voltage (independent from
the VRST comparator). If PFI is less than the power-fail threshold (VPFI), the power-fail
output (PFO) will go low. This function is intended for use as an undervoltage detector to
signal a failing power supply. Typically PFI is connected through an external voltage divider
(see Figure 4 on page 9) to either the unregulated DC input (if it is available) or the
regulated output of the VCC regulator. The voltage divider can be set up such that the
voltage at PFI falls below VPFI several milliseconds before the regulated VCC input to the
STM1403 or the microprocessor drops below the minimum operating voltage.
During battery backup, the power-fail comparator is turned off and PFO goes (or remains)
low (see Figure 9 on page 16). This occurs after VCC drops below VSW (~2.4V). When
power returns, the power-fail comparator is enabled and PFO follows PFI. If the comparator
is unused, PFI should be connected to VSS and PFO left unconnected. PFO may be
connected to MR so that a low voltage on PFI will generate a reset output.
3.5
Applications information
These supervisor circuits are not short-circuit protected. Shorting VOUT to ground -
excluding power-up transients such as charging a decoupling capacitor - destroys the
device. Decouple both VCC and VBAT pins to ground by placing 0.1 µF capacitors as close to
the device as possible.
Pin
Status
VOUT
Connected to VBAT through internal switch
VCC
Disconnected from VOUT
PFI
Disabled
PFO
Logic low
MR
Disabled
RST
Logic low
VBAT
Connected to VOUT
Vccsw
Logic high
VREF
Pulled to VSS below 2.4 V (VSW)
BLD
Logic high
VTPU
Connected to VBAT through an internal switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com