Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G07
Description  SINGLE BUFFER (OPEN DRAIN)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G07 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G07 Datasheet HTML 1Page - STMicroelectronics 74V1G07 Datasheet HTML 2Page - STMicroelectronics 74V1G07 Datasheet HTML 3Page - STMicroelectronics 74V1G07 Datasheet HTML 4Page - STMicroelectronics 74V1G07 Datasheet HTML 5Page - STMicroelectronics 74V1G07 Datasheet HTML 6Page - STMicroelectronics 74V1G07 Datasheet HTML 7Page - STMicroelectronics 74V1G07 Datasheet HTML 8Page - STMicroelectronics 74V1G07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2004
s
HIGH SPEED: tPD = 3.7ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUT
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G07 is an advanced high-speed CMOS
SINGLE BUFFER (OPEN DRAIN) fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface5V to3V.
74V1G07
SINGLE BUFFER (OPEN DRAIN)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G07STR
SOT323-5L
74V1G07CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07 Datasheet
48Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74V1G07C STMICROELECTRONICS-74V1G07C Datasheet
48Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74V1G07S STMICROELECTRONICS-74V1G07S Datasheet
48Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
More results

Similar Description - 74V1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G07 STMICROELECTRONICS-74V1G07 Datasheet
48Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74V1T07 STMICROELECTRONICS-74V1T07 Datasheet
47Kb / 7P
SINGLE BUFFER OPEN DRAIN
Oct-1999
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
SINGLE BUFFER/DRIVER (OPEN DRAIN)
Apr-2004
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74V1T07 STMICROELECTRONICS-74V1T07_04 Datasheet
110Kb / 9P
SINGLE BUFFER (OPEN DRAIN)
Apr-2004
logo
Renesas Technology Corp
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
logo
Nexperia B.V. All right...
74AUP2G3407 NEXPERIA-74AUP2G3407 Datasheet
841Kb / 19P
Low-power single buffer; single buffer with open-drain
logo
Diodes Incorporated
74LVC1G07Q DIODES-74LVC1G07Q Datasheet
523Kb / 9P
SINGLE BUFFER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com