Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE811_08 Datasheet HTML 15Page - STMicroelectronics STMPE811_08 Datasheet HTML 16Page - STMicroelectronics STMPE811_08 Datasheet HTML 17Page - STMicroelectronics STMPE811_08 Datasheet HTML 18Page - STMicroelectronics STMPE811_08 Datasheet HTML 19Page - STMicroelectronics STMPE811_08 Datasheet HTML 20Page - STMicroelectronics STMPE811_08 Datasheet HTML 21Page - STMicroelectronics STMPE811_08 Datasheet HTML 22Page - STMicroelectronics STMPE811_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
STMPE811
System and identification registers
19/54
SYS_CTRL1
Reset control
Address:
0x03
Type:
R/W
Reset:
0x00
Description:
The reset control register enables to reset the device
SYS_CTRL2
Clock control
Address:
0x04
Type:
R/W
Reset:
0x0F
Description:
This register enables to switch off the clock supply
7654
3
2
1
0
RESERVED
SOFT_RESET
HIBERNATE
[7:2] RESERVED
[1] SOFT_RESET: Reset the STMPE811 using the serial communication interface
[0] HIBERNATE: Force the device into hibernation mode.
Forcing the device into hibernation mode by writing ‘1’ to this bit would disable the hot-key
feature. If the hot-key feature is required, use the default auto-hibernation mode.
7654
3
2
1
0
−−
−−
TS_OFF
GPIO_OFF
TSC_OFF
ADC_OFF
[7:4] RESERVED
[3] TS_OFF: Switch off the clock supply to the temperature sensor
1: Switches off the clock supply to the temperature sensor
[2] GPIO_OFF: Switch off the clock supply to the GPIO
1: Switches off the clock supply to the GPIO
[1] TSC_OFF: Switch off the clock supplyto the touchscreen controller
1: Switches off the clock supply to the touchscreen controller
[0] ADC_OFF: Switch off the clock supply to the ADC
1: Switches off the clock supply to the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com