Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STMPE811_08 Datasheet HTML 45Page - STMicroelectronics STMPE811_08 Datasheet HTML 46Page - STMicroelectronics STMPE811_08 Datasheet HTML 47Page - STMicroelectronics STMPE811_08 Datasheet HTML 48Page - STMicroelectronics STMPE811_08 Datasheet HTML 49Page - STMicroelectronics STMPE811_08 Datasheet HTML 50Page - STMicroelectronics STMPE811_08 Datasheet HTML 51Page - STMicroelectronics STMPE811_08 Datasheet HTML 52Page - STMicroelectronics STMPE811_08 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
STMPE811
Maximum rating
49/54
14
Maximum rating
Stressing the device above the ratings listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
14.1
Recommended operating conditions
Table 18.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5
V
VIO
GPIO supply voltage
4.5
V
ESD
ESD protection on each GPIO pin (air discharge)
8
kV
T
Operating temperature
-40 - 85
°C/W
TSTG
Storage temperature
-65 - 155
°C/W
TJ
Thermal resistance junction-ambient
TBD
°C/W
Table 19.
Power consumption
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VCC
Core supply voltage
1.65
−
3.6
V
ICC max
Operating current
TSC running at 1 kHz
400
1000
μA
ICC
suspend
Operating current
No I2C/SPI/ADC activity
0.5
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com