Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STMPE811_08 Datasheet HTML 41Page - STMicroelectronics STMPE811_08 Datasheet HTML 42Page - STMicroelectronics STMPE811_08 Datasheet HTML 43Page - STMicroelectronics STMPE811_08 Datasheet HTML 44Page - STMicroelectronics STMPE811_08 Datasheet HTML 45Page - STMicroelectronics STMPE811_08 Datasheet HTML 46Page - STMicroelectronics STMPE811_08 Datasheet HTML 47Page - STMicroelectronics STMPE811_08 Datasheet HTML 48Page - STMicroelectronics STMPE811_08 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
STMPE811
GPIO controller
45/54
13
GPIO controller
A total of 8 GPIOs are available in the STMPE811 port expander device. Most of the GPIOs
share physical pins with some alternate functions. The GPIO controller contains the
registers that allow the host system to configure each of the pins into either a GPIO, or one
of the alternate functions. Unused GPIOs should be configured as outputs to minimize
power consumption.
A group of registers are used to control the exact function of each of the 8 GPIOs. The
registers and their respective addresses are listed in the following table.
All GPIO registers are named as GPIO-x, where x represents the functional group.
Table 17.
GPIO control registers
Address
Register name
Size
(bit)
Function
0x10
GPIO_SET_PIN
8
Set pin register
0x11
GPIO_CLR_PIN
8
Clear pin state
0x12
GPIO_MP_STA
8
Monitor pin state
0x13
GPIO_DIR
8
Set pin direction
0x14
GPIO_ED
8
Edge detect status
0x15
GPIO_RE
8
Rising edge
0x16
GPIO_FE
8
Falling edge
0x17
GPIO_ALT_FUNCT
8
Alternate function
register
76543
2
1
0
GPIO-7
GPIO-6
GPIO-5
GPIO-4
GPIO-3
GPIO-2
GPIO-1
GPIO-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com