Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STMPE811_08 Datasheet HTML 21Page - STMicroelectronics STMPE811_08 Datasheet HTML 22Page - STMicroelectronics STMPE811_08 Datasheet HTML 23Page - STMicroelectronics STMPE811_08 Datasheet HTML 24Page - STMicroelectronics STMPE811_08 Datasheet HTML 25Page - STMicroelectronics STMPE811_08 Datasheet HTML 26Page - STMicroelectronics STMPE811_08 Datasheet HTML 27Page - STMicroelectronics STMPE811_08 Datasheet HTML 28Page - STMicroelectronics STMPE811_08 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
STMPE811
Analog-to-digital converter
25/54
9
Analog-to-digital converter
An 8-input,12-bit analog-to-digital converter (ADC) is integrated in the STMPE811. The ADC
can be used as a generic analog-to-digital converter, or as a touchscreen controller capable
of controlling a 4-wire resistive touchscreen.
AddINT_EN
Table 12.
ADC controller register summary table
Address
Register name
Size
Description
0x20
ADC_CTRL1
8
ADC control
0x21
ADC_CTRL2
8
ADC control
0x22
ADCCapture
8
To initiate ADC data acquisition
0x30
ADC_DATA_CH0
8
ADC channel 0 (IN3/GPIO-3)
0x32
ADC_DATA_CH1
8
ADC channel 1 (IN2/GPIO-2)
0x34
ADC_DATA_CH2
8
ADC channel 2 (IN1/GPIO-1)
0x36
ADC_DATA_CH3
8
ADC channel 3 (IN0-GPIO-0)
0x38
ADC_DATA_CH4
8
ADC channel 4 (TSC)
0x3A
ADC_DATA_CH5
8
ADC channel 5 (TSC)
0x3C
ADC_DATA_CH6
8
ADC channel 6 (TSC)
0x3E
ADC_DATA_CH7
8
ADC channel 7 (TSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com