Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02BDA6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STTS424E02BDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STTS424E02BDA6F Datasheet HTML 12Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 13Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 14Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 15Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 16Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 17Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 18Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 19Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Temperature sensor registers
STTS424E02
16/51
4
Temperature sensor registers
The temperature sensor component is comprised of various user-programmable registers.
These registers are required to write their corresponding addresses to the Pointer register.
They can be accessed by writing to their respective addresses (see Table 3). Pointer
register Bits 7-3 must always be written to '0' (see Table 4). This must be maintained, as not
setting these bits to '0' may keep the device from performing to specifications.
The main registers include:
●
Capability register (read-only)
●
Configuration register (read/write)
●
Temperature register (read-only)
●
Temperature trip point registers (r/w), including
–
Alarm Temperature Upper Boundary,
–
Alarm Temperature Lower Boundary, and
–
Critical Temperature.
●
Manufacturer ID register format
●
Device ID and device revision ID register format
See Table 5 on page 17 for Pointer register selection bit details.
Table 3.
Temperature sensor registers summary
Address (Hex)
Register name
Power-on default
Not applicable
Address pointer
Undefined
00
Capability
C-grade
0x002D
B-grade
0x002F
01
Configuration
0x0000
02
Alarm temperature upper boundary trip
0x0000
03
Alarm temperature lower boundary trip
0x0000
04
Critical temperature trip
0x0000
05
Temperature
Undefined
06
Manufacturer’s ID
0x104A
07
Device ID/revision
DA package
0x0000
DN package
0x0001
Table 4.
Pointer register format
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
0
0
0
0
P2
P1
P0
Pointer/register select bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com