| Electronic Components Datasheet Search |
|
STTS424E02BDA6F Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02BDA6F Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 51 page ![]() STTS424E02 SPD EEPROM operation 29/51 Prior to selecting the memory and issuing instructions, a valid and stable VDD voltage must be applied. This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write instruction, until the completion of the internal write cycle (tW). At Power-down (phase during which VDD decreases continuously), as soon as VDD drops from the normal operating voltage below the Power On Reset threshold voltage, the device stops responding to any instruction sent to it. 5.3 Memory addressing To start communication between the bus master and the slave device, the bus master must initiate a Start condition. Following this, the bus master sends the Device Select Code, shown in Table 20: Device select code (on Serial Data (SDA), most significant bit first). The Device Select Code consists of a 4-bit Device Type Identifier, and a 3-bit Chip Enable “Address” (A2, A1, A0). To address the memory array, the 4-bit Device Type Identifier is 1010b; to access the write-protection settings, it is 0110b. Up to eight memory devices can be connected on a single I2C bus. Each one is given a unique 3-bit code on the Chip Enable (A0, A1, A2) inputs. When the Device Select Code is received, the device only responds if the Chip Enable Address is the same as the value on the Chip Enable (A0, A1, A2) inputs. The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations. If a match occurs on the Device Select code, the corresponding device gives an acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match the Device Select code, it deselects itself from the bus, and goes into Standby mode. Table 20. Device select code Chip enable signals Device type identifier Chip enable bits RW b7(1) 1. The most significant bit, b7, is sent first. b6 b5 b4 b3 b2 b1 b0 Memory area select code (two arrays)(2) 2. A0, A1 and A2 are compared against the respective external pins on the memory device. A2 A1 A0 1010 A2 A1 A0 RW Set write protection (SWP) VSS VSS VHV 0110 0010 Clear write protection (CWP) VSS VDD VHV 0110 Permanently set write protection (PSWP)(2) A2 A1 A0 A2 A1 A0 0 Read SWP VSS VSS VHV 0011 Read CWP VSS VDD VHV 0111 Read PSWP(2) A2 A1 A0 A2 A1 A0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |