Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02BDA6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STTS424E02BDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STTS424E02BDA6F Datasheet HTML 14Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 15Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 16Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 17Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 18Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 19Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 20Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 21Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Temperature sensor registers
STTS424E02
18/51
Table 6.
Capability register format
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RFU
RFU
VHV
TRES1
TRES0
Wider
range
Higher
precision
Alarm and
critical trips
Table 7.
Capability register bit definitions
Bit
Definition
0
Basic capability
– 0 = Alarm and critical trips turned OFF.
– 1 = Alarm and critical trips turned ON.
1
Accuracy
– 0 = Accuracy ±2°C over the active range and ±3°C over the monitoring range
(C-Grade).
– 1 = High accuracy ±1°C over the active range and ±2°C over the monitoring range
(B-Grade).
2
Range width
– 0 = Values lower than 0°C will be clamped and represented as binary value '0'.
– 1 = Temperatures below 0°C can be read and the Sign bit will be set accordingly.
4:3
Temperature resolution
– 01 = This 10-bit value is fixed for STTS424E02, providing temperatures at 0.25°C resolution
(LSB).
5
(VHV) High voltage support for A0 (pin 1)
– 1 = STTS424E02 supports a voltage up to 10 volts on the A0 pin - (default)
15:6
Reserved
These values must be set to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com