Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02BDA6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # STTS424E02BDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STTS424E02BDA6F Datasheet HTML 26Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 27Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 28Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 29Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 30Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 31Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 32Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 33Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
SPD EEPROM operation
STTS424E02
30/51
Figure 10.
Result of setting the write protection
5.4
Setting the write protection
The Write Control (WC) is tied Low, hence the write protection of the memory array is
dependent on whether software write-protection has been set.
Software write-protection allows the bottom half of the memory area (addresses 00h to 7Fh)
to be write protected irrespective of subsequent states of the Write Control (WC) signal.
Software write-protection is handled by three instructions:
●
SWP: Set write protection
●
CWP: Clear write protection
●
PSWP: Permanently set write protection
The level of write-protection (set or cleared) that has been defined using these instructions,
remains defined even after a power cycle.
Table 21.
Operating modes
Mode
RW bit
WC(1)
1.
X = VIH or VIL.
Bytes
Initial sequence
Current address read
1
X
1
START, device select, RW = 1
Random address read
0X
1
START, device select, RW = 0, address
1
X
reSTART, device select, RW = 1
Sequential read
1
X
≥ 1
Similar to current or random address read
Byte write
0
V
IL
1
START, device select, RW = 0
Page write
0
V
IL
≤ 16
START, device select, RW = 0
Default EEPROM memory area
state before write access
to the Protect Register
AI01936C
Standard
Array
FFh
Standard
Array
80h
7Fh
00h
Standard
Array
FFh
Write
Protected
Array
80h
7Fh
00h
State of the EEPROM memory
area after write access
to the Protect Register
Memory
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com