Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDA6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STTS424E02CDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STTS424E02CDA6F Datasheet HTML 10Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 11Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 12Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 13Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 14Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 15Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 16Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 17Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Temperature sensor operation
STTS424E02
14/51
3.3
SMBus/I2C AC timing consideration
In order for this device to be both SMBus- and I2C-compatible, it complies to a subset of
each specification. The requirements which enable this device to co-exist with devices on
either an SMBus or an I2C bus include:
●
The SMBus minimum clock frequency is required.
●
The 300 ns SMBus data hold time (THD:DAT) is required (see Figure 7 and Table 2 on
page 15.
●
The SMBus time-out is maximum 40 ms (temperature sensor only).
Note:
Since the voltage levels are specified only within 3.3 V ±10%, there are no compatibility
concerns with the SMBus/I2C DC specifications.
Figure 7.
SMBus/I2C timing diagram
A12266
SCL
P
tSU:STO
tSU:STA
S
SDA
VIH
VIL
VIH
VIL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com