Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDA6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STTS424E02CDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STTS424E02CDA6F Datasheet HTML 13Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 14Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 15Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 16Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 17Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 18Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 19Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 20Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
STTS424E02
Temperature sensor registers
17/51
4.1
Capability register (read-only)
This 16-bit register is Read-only, and provides the TS capabilities which comply with the
minimum JEDEC 424.4 specifications (see Table 6 and Table 7 on page 18). The
STTS424E02 provides temperatures at 0.25 resolution (10-bit).
4.1.1
Alarm window trip
The device provides a comparison window with an upper temperature trip point in the Alarm
Upper Boundary register, and a lower trip point in the Alarm Lower Boundary register. When
enabled, the Event output will be triggered whenever entering or exiting (crossing above or
below) the Alarm window.
4.1.2
Critical trip
The device can be programmed in such a way that the Event output is only triggered when
the temperature exceeds the critical trip point. The Critical Temperature setting is
programmed in the Critical Temperature register. When the temperature sensor reaches the
critical temperature value in this register, the device is automatically placed in Comparator
mode, which means that the Critical Event output cannot be cleared by using software to set
the Clear Event bit.
Table 5.
Pointer register select bits (type, width, and default values)
P2
P1
P0
Name
Register description
Width
(bits)
Type
(R/W)
Default state
(POR)
0
0
0
CAPA
Thermal sensor capabilities
C-grade
16
R
0x002D
B-grade
0x002F
0
0
1
CONF
Configuration
16
R/W
0x0000
0
1
0
UPPER
Alarm temperature upper boundary
16
R/W
0x0000
0
1
1
LOWER
Alarm temperature lower boundary
16
R/W
0x0000
1
0
0
CRITICAL Critical temperature
16
R/W
0x0000
1
0
1
TEMP
Temperature
16
R
0x0000
1
1
0
MANU
Manufacturer ID
16
R
0x104A
1
1
1
ID
Device ID/revision
DA package
16
R
0x0000
DN package
0x0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com