Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDA6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTS424E02CDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA6F Datasheet(HTML) 4 Page - STMicroelectronics

  STTS424E02CDA6F Datasheet HTML 1Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 2Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 3Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 4Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 5Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 6Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 7Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 8Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
List of tables
STTS424E02
4/51
List of tables
Table 1.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 2.
AC SMBus and I2C compatibility timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 3.
Temperature sensor registers summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 4.
Pointer register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 5.
Pointer register select bits (type, width, and default values). . . . . . . . . . . . . . . . . . . . . . . . 17
Table 6.
Capability register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 7.
Capability register bit definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 8.
Configuration register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 9.
Configuration register bit definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 10.
Hysteresis as applied to temperature movement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 11.
Legend for Figure 9: Event output boundary timings. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 12.
Temperature register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 13.
Temperature register bit definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 14.
Temperature trip point register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 15.
Alarm temperature upper boundary register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 16.
Alarm temperature lower boundary register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 17.
Critical temperature register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 18.
Manufacturer ID register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 19.
Device ID and device revision ID register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 20.
Device select code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 21.
Operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 22.
DRAM DIMM connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 23.
Acknowledge when writing data or defining the write-protection (instructions with
R/W bit=0). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 24.
Acknowledge when reading the write protection (instructions with R/W bit=1). . . . . . . . . . 38
Table 25.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 26.
Operating and AC measurement conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Table 27.
DC/AC characteristics - temperature sensor component with EEPROM . . . . . . . . . . . . . . 40
Table 28.
DFN8 – 8-lead dual flat, no-lead (2 mm x 3 mm) mechanical data (DA) . . . . . . . . . . . . . . 43
Table 29.
TDFN8 – 8-lead thin dual flat, no-lead (2 mm x 3 mm) mechanical data (DN) . . . . . . . . . . 45
Table 30.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 31.
Parameters for landing pattern - TDFN package (DN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 32.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com