Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02CDA6F Datasheet(PDF) 40 Page - STMicroelectronics

Part # STTS424E02CDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDA6F Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STTS424E02CDA6F Datasheet HTML 36Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 37Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 38Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 39Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 40Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 41Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 42Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 43Page - STMicroelectronics STTS424E02CDA6F Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
DC and AC parameters
STTS424E02
40/51
9
DC and AC parameters
This section summarizes the operating measurement conditions, and the dc and ac
characteristics of the device. The parameters in the dc and ac characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 26, Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 26.
Operating and AC measurement conditions
Parameter
Conditions
Unit
VDD supply voltage - temperature sensor
2.7 to 3.6
V
Operating temperature
-40 to 85
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VDD
V
Input and output timing reference voltages
0.3 to 0.7VDD
V
Table 27.
DC/AC characteristics - temperature sensor component with EEPROM
Sym
Description
Test condition(1)
Min
Typ(2) Max
Unit
VDD
Supply voltage
2.7
3.3
3.6
V
IDD
VDD supply current,
active temperature conversions
(no communication)
EEPROM (inactive)
SCL/SDA = VDD
100
210
µA
VDD supply current,
communication only
(no conversions)
EEPROM (not
selected)
100 kHz
40
µA
400 kHz
115
µA
IDD1
Shutdown mode supply current
EEPROM, TS shutdown
2.0
mA
EEPROM inactive,
TS shutdown
DA package at
85°C
1.0
3
µA
DN package at
125°C
1.0
5
µA
ISINK
SMBUS output low sink current
SDA forced to 0.6 V
6
mA
IIH, IIL,
IOH, IOL
Input/output leakage current
±4
µA
VPOR
(3)
Power on Reset (POR) threshold
VDD falling edge:
DA package
0.6
V
VDD falling edge:
DN package
2.0
V
C-grade
Accuracy for corresponding range
2.7 V
≤ VDD ≤ 3.6 V
+75°C < TA < +95
±1.0
±2.0
°C
+40°C < TA < +125
±2.0
±3.0
°C
-40°C < TA < +125
±3.0
±4.0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com