Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS432
Description  1.24 V adjustable shunt voltage reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics TS432 Datasheet HTML 8Page - STMicroelectronics TS432 Datasheet HTML 9Page - STMicroelectronics TS432 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
TS432
6/11
Figure 13.
Test circuit for pulse response at
IK=100 µA
Figure 14.
Test circuit for pulse response at
IK =1mA
IK = 100µA
18K
Ω
Pulse
Generator
f=10KHz
3V
V
IK=1mA
1.8K
Ω
Pulse
Generator
f=10KHz
3V
0V
Figure 15.
Pulse response at IK = 100 µA
Figure 16.
Pulse response at IK = 1 mA
0
5
10
15
0
1
2
3
Output
Input
I
K
= 100 µA
T
AMB
= + 25°C
Time (µs)
0
5
10
15
20
0
1
2
3
Output
Input
I
K
= 1 mA
T
AMB
= + 25°C
Time (µs)
Figure 17.
Pulse response at IK = 100 µA
Figure 18.
Pulse response at IK = 1 mA
0
5
10
15
20
0
1
2
3
Output
Input
I
K
= 100 µA
T
AMB
= + 25°C
Time (µs)
-5
0
5
10
15
20
0
1
2
3
Output
Input
I
K
= 1 mA
T
AMB
= + 25°C
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com