Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS432
Description  1.24 V adjustable shunt voltage reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 3 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics TS432 Datasheet HTML 8Page - STMicroelectronics TS432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS432
Electrical characteristics
3/11
2
Electrical characteristics
Note:
Limits are 100% production tested at 25° C. Behavior over the temperature range is
guaranteed through correlation and by design.
Table 3.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vref
Reference voltage
IK = 100µA, VK=VREF
1.24
V
TS432 (1%)
1.228
1.252
TS432A (0.5%)
1.234
1.246
ΔVref
Reference voltage tolerance over
temperature
IK = 100µA, VK=VREF
716
mV
IKmin
Minimum operating current
Tamb = 25°C
40
60
μA
-40°C < Tamb < +85°C
65
ΔVref
Reverse breakdown voltage change with
operating current range
IKmin < IK < 1mA
0.7
1.5
mV
-40°C < Tamb < +85°C
2
1mA < IK < 12mA
2
4
-40°C < Tamb < +85°C
6
ΔVref/ΔVK
Reference voltage change with output
voltage change
IK = 10mA, VK=10V to VREF
1.8
2.5
mV/V
-40°C < Tamb < +85°C
3
Iref
Reference input current
IK=10mA, R1=10KΩ,
R2=+
50
100
nA
-40°C < Tamb < +85°C
200
IOFF
Off-state cathode current
VREF=0, VK=10V
1
100
nA
-40°C < Tamb < +85°C
150
RKA
Static impedance
ΔIK = 100µA to 12mA
0.25
0.5
W
KVH
Long term stability
IK = 100µA, t = 1000hrs
120
ppm
EN
Wide band noise
IK = 100µA
100Hz < F < 10kHz
200
nV/
√Hz
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com