Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS432
Description  1.24 V adjustable shunt voltage reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 5 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics TS432 Datasheet HTML 8Page - STMicroelectronics TS432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS432
Electrical characteristics
5/11
Figure 7.
Off-state current vs temperature
Figure 8.
Test circuit for off-state current
measurement
-40
0
40
80
120
0
50
100
150
V
REF
= 0 V
V
K
= 10 V
Temperature (°C)
Input
VK =10V
IOFF
Figure 9.
Ratio of change in reference input
voltage to change in VK voltage vs
temperature
Figure 10.
Test circuit for VKA > VREF
-40
0
40
80
120
0
1
2
3
I
K
= 10 mA
V
K
= 10V to V
REF
Temperature (°C)
Input
IK
VK = VREF . (1+R1/R2) + IREF . R1
VK
R1
R2
IREF
VREF
Figure 11.
Phase and gain vs frequency
Figure 12.
Test circuit for phase and gain
measurement
10
2
10
3
10
4
10
5
10
6
0
20
40
60
0
60
120
180
T
AMB
= +25°C
Phase
Gain
Frequency (Hz)
Input
Output
5V
1 µF
22 µF
33 k
Ω
33 k
Ω
23.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com