Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS432
Description  1.24 V adjustable shunt voltage reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 2 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics TS432 Datasheet HTML 8Page - STMicroelectronics TS432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute maximum ratings and operating conditions
TS432
2/11
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VK
Cathode voltage
12
V
IK
Cathode current
-10 to +20
mA
Iref
Reference input current
-0.05 to +3
mA
Pd
Power dissipation (1) SOT23-3
1.
Pd is calculated with Tamb = 25° C, Tj = 150° C and Rthja = 360° C/W.
340
mW
Rthja
Thermal resistance junction to ambient for SOT23-3
360
°C/W
Tlead
Lead temperature (soldering 10 seconds)
250
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
°C
ESD
HBM: human body model
1.5
kV
MM: machine model
150
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VK
Cathode voltage
1.24 to 10
V
IK
Cathode current
60µ to 12m
A
Tamb
Ambient temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com