Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # LM358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM358F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  LM358F Datasheet HTML 1Page - KEC(Korea Electronics) LM358F Datasheet HTML 2Page - KEC(Korea Electronics) LM358F Datasheet HTML 3Page - KEC(Korea Electronics) LM358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008. 1. 24
2/4
LM358F
Revision No : 0
V
CC
OUT(V
O)
For one channel
VEE
+IN
T21
T20
T1
T2
T4
T3
T7
T5
T6
T8
T10
T11
T12
T13
T14
T9
C1
T18
T17
R2
R1
T16
T15
-IN
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25
, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
VCM=0V to VCC-1.5V
VO(P)=1.4V, RS=0
-
2.9
7.0
mV
Input Offset Current
IIO
-
-
5
50
nA
Input Bias Current
IBIAS
-
-
45
250
nA
Input Common Mode Voltage
VI(CM)
VCC=30V
0
-
VCC-1.5
V
Power Supply Current
ICC
RL=
, VCC=30V
-
0.8
2.0
mA
RL=
, Full Temperature Range
-
0.5
1.2
mA
Large Signal Voltage Gain
GV
VCC=15V, RL 2k
VO(P)=1V~11V
25
100
-
V/mV
Output Voltage Swing
VO(H)
VCC=30V, RL=2k
26
-
-
V
VCC=30V, RL=10k
27
28
-
V
Common Mode Rejection Ratio
CMRR
-
65
80
-
dB
Power Supply Rejection Ratio
PSRR
-
65
100
-
dB
Channel Separation
CS
f=1KHz ~ 20kHz
-
120
-
dB
Short Circuit Current to Ground
ISC
-
-
40
60
mA
Output Current
ISOURCE
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
10
30
-
mA
ISINK
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
10
15
-
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
12
100
-
mA
Differential Input Voltage
VI(DIFF)
-
-
-
VCC
V
EQUIVALENT CIRCUIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com