Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # LM358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM358F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  LM358F Datasheet HTML 1Page - KEC(Korea Electronics) LM358F Datasheet HTML 2Page - KEC(Korea Electronics) LM358F Datasheet HTML 3Page - KEC(Korea Electronics) LM358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008. 1. 24
3/4
LM358F
Revision No : 0
0
-50
50
25
0
-25
75
100
20
40
100
80
60
Supply Voltage (V)
Supply Voltage (V)
0
10
Fig. 3 Voltage Gain vs Supply Voltage
Fig. 2 Supply Current vs Supply Voltage
015
30
22.5
40
30
20
10
0
0
30
20
40
7.5
40
80
120
160
100
80
60
40
20
0
100
101
102
103
104
105
106
107
Frequency (Hz)
Fig. 4 Open Loop Frequency Response
Fig. 1 Input Current vs Temperature
120
Temperature ( C)
V
CC= +30V
V
CC= +15V
V
CC= +5V
Ta=-20 C
Ta=0~+85 C
+
I
CC
V
CC
_
R
L=20kΩ
R
L=2kΩ
V
CC=15V
V
CC=30V
0.1
µF
V
IN
100M
Ω
V
OUT
+
V
CC
V
CC/2
_
100
80
60
40
20
0
102
103
104
105
106
Frequency (Hz)
Fig. 6 CMRR vs Frequency
120
V
CC=+7.5V
V
EE=-7.5V
V
IN
100k
Ω
100
Ω
100
Ω
+
+7.5V
-7.5V
_
100k
Ω
0
5
Fig. 5 Large signal Frequency Response
103
104
105
106
15
10
20
Frequency (Hz)
V
I
100k
Ω
1k
Ω
2k
Ω
+
+15V
+7V
_



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com