Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # LM358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM358F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  LM358F Datasheet HTML 1Page - KEC(Korea Electronics) LM358F Datasheet HTML 2Page - KEC(Korea Electronics) LM358F Datasheet HTML 3Page - KEC(Korea Electronics) LM358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2008. 1. 24
1/4
SEMICONDUCTOR
TECHNICAL DATA
LM358F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
1
2
3
4
8
7
6
5
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
FLP-8
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
G
H
B1 B2
1
4
5
8
A
P
D
L
T
Lot No.
Device Name
Trade Name
K
743
LM358F
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
32, +16
V
VEE
0, -16
Differential Input Voltage
VI(DIFF)
32
V
Input Voltage
VI
-0.3~32
V
Power Dissipation
PD
280
mW
Operating Temperature
TOPR
-40~85
Storage Temperature
TSTG
-65~150
Junction Temperature
TJ
125
DUAL OPERATIONAL AMPLIFIER
FEATURES
In the Linear Mode the Input Common Mode Voltage Range
Includes Ground.
Two Internally Compensated OP Amps are in Single Package.
Low Power Dissipation and Power Drain Suitable for Battery Operation.
Differential Input Voltage Range Equal to the Power Supply Voltage.
Wide Power Supply Voltage Range and Signal Power Supply
: Sungle Supply 3VDC to 32VDC Dual Supplies
1.5VDC to
16VDC
Large Output Voltage Swing : 0VDC to VCC-1.5VDC (Typ.)
Low Input Biasing Current : II=45nADC (Typ.)
PIN CONNECTION (TOP VIEW)
MARKING


Similar Part No. - LM358F

ManufacturerPart #DatasheetDescription
logo
Rohm
LM358F ROHM-LM358F Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM358FJ ROHM-LM358FJ Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM358FJ-E2 ROHM-LM358FJ-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
LM358FV ROHM-LM358FV Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
More results

Similar Description - LM358F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com