Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # LM358F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM358F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  LM358F Datasheet HTML 1Page - KEC(Korea Electronics) LM358F Datasheet HTML 2Page - KEC(Korea Electronics) LM358F Datasheet HTML 3Page - KEC(Korea Electronics) LM358F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2008. 1. 24
4/4
LM358F
Revision No : 0
0
TIME (
µs)
TIME (
µs)
Fig. 7 Voltage Follower Pulse Response
0
10
20
30
50
40
1
2
3
0
2
4
V
CC =15V
R
L
2k
Ω
=
1
3
Fig. 8 Voltage Follower Response (Small Signal)
02
35
4
6789
10
275
1
300
350
400
450
Fig. 11 Current Limiting
-50
0
25
75
50
100
0
-25
20
40
60
1
3
Fig. 9 Output Characteristics Current Sourcing
10-3
10-2
10-1
110
102
7
5
2
6
4
8
Output Source Current (mA)
Ta=25 C
V
CC/2
V
CC
V
O
I
O
+
_
Fig. 10 Output Characteristics Current Sinking
10-3
10-2
10-2
10-2
10-1
110
1
10
102
Output Sink Current (mA)
V
CC/2
V
CC
V
O
I
O
+
_
V
CC=+5V
V
CC=+15V
V
CC=+30V
Temperature ( C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com