Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3980 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD3980
Description  Low drop - Low supply voltage Low ESR capacitor compatible
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3980 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD3980 Datasheet HTML 3Page - STMicroelectronics LD3980 Datasheet HTML 4Page - STMicroelectronics LD3980 Datasheet HTML 5Page - STMicroelectronics LD3980 Datasheet HTML 6Page - STMicroelectronics LD3980 Datasheet HTML 7Page - STMicroelectronics LD3980 Datasheet HTML 8Page - STMicroelectronics LD3980 Datasheet HTML 9Page - STMicroelectronics LD3980 Datasheet HTML 10Page - STMicroelectronics LD3980 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LD3980
Typical characteristics
7/16
5
Typical characteristics
Figure 3.
Output voltage vs temperature
Figure 4.
Output voltage vs input voltage
Figure 5.
Inhibit voltage vs temperature
Figure 6.
Dropout voltage vs temperature
Figure 7.
S.V.R. vs frequency
Figure 8.
Stability value
VI=VO(NOM) +0.5V+VRIPPLE, IO=10mA CI =CO= 1µF
VI= from 1.76 to 3.6V, IO=from 1mA to 0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com