Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3980 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD3980
Description  Low drop - Low supply voltage Low ESR capacitor compatible
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3980 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD3980 Datasheet HTML 8Page - STMicroelectronics LD3980 Datasheet HTML 9Page - STMicroelectronics LD3980 Datasheet HTML 10Page - STMicroelectronics LD3980 Datasheet HTML 11Page - STMicroelectronics LD3980 Datasheet HTML 12Page - STMicroelectronics LD3980 Datasheet HTML 13Page - STMicroelectronics LD3980 Datasheet HTML 14Page - STMicroelectronics LD3980 Datasheet HTML 15Page - STMicroelectronics LD3980 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Order code
LD3980
14/16
8
Order code
Table 5.
Order code
Part number
Output voltage (1)
1.
Other values of VO available on request
LD3980PM08R
0.8 V
LD3980PM12R
1.2 V (2)
2.
Available on request
LD3980PM13R
1.3 V (2)
LD3980PM135R
1.35 V
LD3980PM15R
1.5 V (2)
LD3980PM18R
1.8 V
LD3980PM30R
3.0 V (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com