Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3980 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD3980
Description  Low drop - Low supply voltage Low ESR capacitor compatible
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3980 Datasheet(HTML) 3 Page - STMicroelectronics

  LD3980 Datasheet HTML 1Page - STMicroelectronics LD3980 Datasheet HTML 2Page - STMicroelectronics LD3980 Datasheet HTML 3Page - STMicroelectronics LD3980 Datasheet HTML 4Page - STMicroelectronics LD3980 Datasheet HTML 5Page - STMicroelectronics LD3980 Datasheet HTML 6Page - STMicroelectronics LD3980 Datasheet HTML 7Page - STMicroelectronics LD3980 Datasheet HTML 8Page - STMicroelectronics LD3980 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LD3980
Pin configuration
3/16
1
Pin configuration
Figure 1.
Pin connections
Table 1.
Pin description
Pin N°
Symbol
Name and function
1
OUT
Output Voltage of the LDO
2, 3
NC
Not connected
4
GND
Common ground.
5
SHDN
SHUTDOWN Input Voltage:
Active-Low Shutdown input. A logic Low reduces supply current to below 1µA.
Connect to IN or logic high for normal operation
6
IN
Input Voltage of the LDO
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com