Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3980 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD3980
Description  Low drop - Low supply voltage Low ESR capacitor compatible
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3980 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD3980 Datasheet HTML 6Page - STMicroelectronics LD3980 Datasheet HTML 7Page - STMicroelectronics LD3980 Datasheet HTML 8Page - STMicroelectronics LD3980 Datasheet HTML 9Page - STMicroelectronics LD3980 Datasheet HTML 10Page - STMicroelectronics LD3980 Datasheet HTML 11Page - STMicroelectronics LD3980 Datasheet HTML 12Page - STMicroelectronics LD3980 Datasheet HTML 13Page - STMicroelectronics LD3980 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed description
LD3980
10/16
TA is the ambient temperature
θ JA thermal resistance.
The device's pins perform the dual function of providing an electrical connection as well as
channeling heat away from the die. Use wide circuit-board traces and large, solid copper
polygons to improve power dissipation. Using multiple vias to buried ground planes further
enhances thermal conductivity.
6.5
Output capacitance
The device is specifically designed to employ ceramic output capacitors as low as 1µF.
Ceramic capacitors below 10µF offer significant cost and space savings, along with high
frequency noise filtering. Higher values and other types of capacitor may be used, but their
equivalent series resistance should be maintained in the range of the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com