Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39150 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39150
Description  Ultra low drop BICMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39150 Datasheet HTML 4Page - STMicroelectronics LD39150 Datasheet HTML 5Page - STMicroelectronics LD39150 Datasheet HTML 6Page - STMicroelectronics LD39150 Datasheet HTML 7Page - STMicroelectronics LD39150 Datasheet HTML 8Page - STMicroelectronics LD39150 Datasheet HTML 9Page - STMicroelectronics LD39150 Datasheet HTML 10Page - STMicroelectronics LD39150 Datasheet HTML 11Page - STMicroelectronics LD39150 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
LD39150
8/19
5
Electrical characteristics
Table 4.
Electrical characteristics
(TJ = 25°C, VI = VO+1V, CI = 1µF, CO = 2.2µF, ILOAD = 10mA, VINH = 2V, unless otherwise
specified)
Symbol
Parameter
Parameter
Min.
Typ.
Max.
Unit
VI
Operating input voltage
2.5
6
V
VO
Output voltage tolerance
VI = VO+1V, ILOAD = 10mA to 1.5A
-1.5
1.5
% of
VO(NOM)
VI = VO+1V to 6V,
ILOAD = 10mA to 1.5A
TJ = -40 to 125°C
-3
3
VREF
Reference voltage
1.22
V
∆VO
Output voltage LINE
regulation
VI = VO+1V to 6V
0.04
%
VI = VO+1V to 6V, TJ = -40 to 125°C
0.1
0.2
%
∆VO/∆ILOAD
Output voltage LOAD
regulation
ILOAD = 10mA to 1.5A
0.06
%/A
ILOAD = 10mA to 1.5A,
TJ = -40 to 125°C
0.2
0.4
VDROP
Dropout voltage (VI - VO)
ILOAD = 300mA, TJ=-40 to 125°C
40
80
mV
ILOAD = 1.5A, TJ = -40 to 125°C
200
400
IQ
Quiescent current:
ON MODE
ILOAD = 10mA to 1.5A, VINH = 2V
TJ = -40 to 125°C
12.5
mA
Quiescent current:
OFF MODE
VINH = 0.3V
1
µA
VINH = 0.3V, TJ = -40 to 125°C
5
Short Circuit Protection
ISC
Short circuit protection
RL = 0
3
A
Inhibit Input
VINH
Inhibit threshold LOW
VI = 2.5 to 6V OFF
TJ = -40 to 125°C
0.3
V
Inhibit threshold HIGH
2
TD-OFF
Current limit
ILOAD = 1.5A, VO = 3.3V
15
µs
TD-ON
Current limit
ILOAD = 1.5A, VO = 3.3V
15
IINH
Inhibit input current (1)
1.
Guaranteed by design
VI = 6V, VINH = 0 to 6V
±0.1
±1µA
AC Parameters
SVR
Supply voltage rejection
VI = 4.5 ± 1V,
VO = 3.3V,
ILOAD = 10mA,
f = 120Hz
65
dB
f = 1kHz
55
eN
Output noise voltage
BW = 10Hz to 100kHz,
CO = 2.2µF, VO = 2.5V
100
µVRMS
TSHDN
Thermal shutdown OFF
170
°C
Hysteresis
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com