Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD39150
Description  Ultra low drop BICMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD39150 Datasheet HTML 9Page - STMicroelectronics LD39150 Datasheet HTML 10Page - STMicroelectronics LD39150 Datasheet HTML 11Page - STMicroelectronics LD39150 Datasheet HTML 12Page - STMicroelectronics LD39150 Datasheet HTML 13Page - STMicroelectronics LD39150 Datasheet HTML 14Page - STMicroelectronics LD39150 Datasheet HTML 15Page - STMicroelectronics LD39150 Datasheet HTML 16Page - STMicroelectronics LD39150 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LD39150
Package mechanical data
13/19
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.4
0.6
0.015
0.023
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
D1
5.1
0.201
E
6.4
6.6
0.252
0.260
E1
4.7
0.185
e
1.27
0.050
G
4.9
5.25
0.193
0.206
G1
2.38
2.7
0.093
0.106
H
9.35
10.1
0.368
0.397
L2
0.8
1
0.031
0.039
L4
0.6
1
0.023
0.039
L5
1
0.039
L6
2.8
0.110
PPAK MECHANICAL DATA
0078180-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com