Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39150
Description  Ultra low drop BICMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150 Datasheet(HTML) 4 Page - STMicroelectronics

  LD39150 Datasheet HTML 1Page - STMicroelectronics LD39150 Datasheet HTML 2Page - STMicroelectronics LD39150 Datasheet HTML 3Page - STMicroelectronics LD39150 Datasheet HTML 4Page - STMicroelectronics LD39150 Datasheet HTML 5Page - STMicroelectronics LD39150 Datasheet HTML 6Page - STMicroelectronics LD39150 Datasheet HTML 7Page - STMicroelectronics LD39150 Datasheet HTML 8Page - STMicroelectronics LD39150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
LD39150
4/19
2
Pin configuration
Figure 2.
Pin connections (top view for DPAK and PPAK, bottom view for DFN)
DFN8 (4x4 mm)
DPAK
PPAK
Table 1.
Pin description
PlN N°
SYMBOL
NOTE
DFN
PPAK
DPAK
85
VSENSE/N.C.
For fixed versions: to be connected with LDO Output Voltage pins for DFN
package and Not Connected on PPAK
ADJ
For adjustable version: Error Amplifier Input pin for VO from 1.22 to 5.0V
3, 4
2
1
VI
LDO Input Voltage; VI from 2.5V to 6V, CI=1µF must be located at a
distance of not more than 0.5’’ from input pin.
6, 7
4
3
VO
LDO Output Voltage pins, with minimum CO=2.2µF needed for stability
(also refer to CO vs. ESR stability chart)
21
VINH
Inhibit Input Voltage: ON MODE when VINH ≥ 2V, OFF MODE when VINH
0.3V (Do not leave floating, not internally pulled down/up)
1
3
2
GND
Common ground
5
N.C.
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com