Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39150 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39150
Description  Ultra low drop BICMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150 Datasheet(HTML) 5 Page - STMicroelectronics

  LD39150 Datasheet HTML 1Page - STMicroelectronics LD39150 Datasheet HTML 2Page - STMicroelectronics LD39150 Datasheet HTML 3Page - STMicroelectronics LD39150 Datasheet HTML 4Page - STMicroelectronics LD39150 Datasheet HTML 5Page - STMicroelectronics LD39150 Datasheet HTML 6Page - STMicroelectronics LD39150 Datasheet HTML 7Page - STMicroelectronics LD39150 Datasheet HTML 8Page - STMicroelectronics LD39150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LD39150
Typical application circuits
5/19
3
Typical application circuits
(CI and CO Capacitors must be placed as close as possible to the IC pins)
1
Inhibit Pin is not internally pulled down/up then it must not be left floating. Disable the device
when connected to GND or to a positive voltage less than 0.3V
2
Set R2 as close as possible to 4.7K
Ω.
Figure 3.
LD39150 fixed version with inhibit
Figure 4.
LD39150 adjustable version
VO = VREF (1 + R1/R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com