Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBMF Datasheet(PDF) 6 Page - STMicroelectronics

Part # KBMF
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMF Datasheet(HTML) 6 Page - STMicroelectronics

  KBMF Datasheet HTML 1Page - STMicroelectronics KBMF Datasheet HTML 2Page - STMicroelectronics KBMF Datasheet HTML 3Page - STMicroelectronics KBMF Datasheet HTML 4Page - STMicroelectronics KBMF Datasheet HTML 5Page - STMicroelectronics KBMF Datasheet HTML 6Page - STMicroelectronics KBMF Datasheet HTML 7Page - STMicroelectronics KBMF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
KBMF
6/8
Figure 10 shows the measurement circuit used to quantify the crosstalk effect in a classical digital appli-
cation.
Figure 11 shows that in such a condition signal from 0 to 5V and rise time of few ns, the impact on the
other line is less than 50mV peak to peak (below the logic high threshold voltage). The measurements
performed with falling edges gives the results within the same range.
5. APPLICATION EXAMPLE
The KBMF01SC6 device could be used on PS/2 mouse or keyboard as indicated by figure 12.
Figure 10: Digital crosstalk measurements
configuration
Figure
11:Digital crosstalk measurements
Figure 12: Implementation of KBMFxxSC6 in a typical application
Line 1
Line 2
VG1
b21 VG1
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
5KHz
74HC04
KBMF
01SC6
Super I/O
KBMF
01SC6
KBMF
01SC6
KCLK
KDAT
MCLK
MDAT
Vcc
PS/2 Connector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com