Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBMF Datasheet(PDF) 5 Page - STMicroelectronics

Part # KBMF
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMF Datasheet(HTML) 5 Page - STMicroelectronics

  KBMF Datasheet HTML 1Page - STMicroelectronics KBMF Datasheet HTML 2Page - STMicroelectronics KBMF Datasheet HTML 3Page - STMicroelectronics KBMF Datasheet HTML 4Page - STMicroelectronics KBMF Datasheet HTML 5Page - STMicroelectronics KBMF Datasheet HTML 6Page - STMicroelectronics KBMF Datasheet HTML 7Page - STMicroelectronics KBMF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KBMF
5/8
4. CROSSTALK BEHAVIOR
The crosstalk phenomena is due to the coupling between 2 lines. The coupling factor (
β12 or β21 )
increases when the gap across lines decreases, this is the reason why we provide crosstalk
measurements for monolithic device to guarantee negligeable crosstalk between the lines. In the example
above the expected signal on load RL2 is α2VG2, in fact the real voltage at this point has got an extra value
β21VG1. This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the
line 2. This phenomenon has to be taken into account when the drivers impose fast digital data or high
frequency analog signals in the disturbing line. The perturbed line will be more affected if it works with low
voltage signal or high load impedance (few k
Ω).
Figure 8 gives the measurement circuit for the analog crosstalk application. In figure 9, the curve shows
the effect of the Data line on the CLK line. In usual frequency range of analog signals (up to 100MHz) the
effect on disturbed line is less than -37dB.
Figure 7: Crosstalk phenomena
Figure 8: Analog Crosstalk measurements
configuration
Figure
9:
Typical
Analog Crosstalk meas-
urement
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
αβ
1G1
12G2
V+
V
αβ
2G2
21G1
V+
V
50
RF IN
Vg
50
TG OUT
TEST BOARD
1
10
100
1,000
-120
-100
-80
-60
-40
-20
0
F (MHz)
crosstalk (dB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com