Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBMF Datasheet(PDF) 4 Page - STMicroelectronics

Part # KBMF
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMF Datasheet(HTML) 4 Page - STMicroelectronics

  KBMF Datasheet HTML 1Page - STMicroelectronics KBMF Datasheet HTML 2Page - STMicroelectronics KBMF Datasheet HTML 3Page - STMicroelectronics KBMF Datasheet HTML 4Page - STMicroelectronics KBMF Datasheet HTML 5Page - STMicroelectronics KBMF Datasheet HTML 6Page - STMicroelectronics KBMF Datasheet HTML 7Page - STMicroelectronics KBMF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KBMF
4/8
Please note that the KBMF01SC6 is not only acting for positive ESD surges but also for negative ones.
For these kind of disturbances it clamps close to ground voltage as shown in the Negative Surge figure.
3. LATCH-UP PHENOMENA
The early ageing and destruction of IC’s is often due to latch-up phenomena which is mainly induced by
dV/dt. Thanks to its structure, the KBMF01SC6 provides a high immunity to latch-up phenomena by
smoothing very fast edges.
Figure 5: Measurement conditions
TEST BOARD
ESD
SURGE
16kV
Air
Discharge
Vin
Vout
Figure 6: Remaining voltage at both stages S1 (Vinput) and S2 (Voutput) during ESD surge
Positive surge
Negative surge



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com