Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBMF Datasheet(PDF) 3 Page - STMicroelectronics

Part # KBMF
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMF Datasheet(HTML) 3 Page - STMicroelectronics

  KBMF Datasheet HTML 1Page - STMicroelectronics KBMF Datasheet HTML 2Page - STMicroelectronics KBMF Datasheet HTML 3Page - STMicroelectronics KBMF Datasheet HTML 4Page - STMicroelectronics KBMF Datasheet HTML 5Page - STMicroelectronics KBMF Datasheet HTML 6Page - STMicroelectronics KBMF Datasheet HTML 7Page - STMicroelectronics KBMF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KBMF
3/8
2. ESD PROTECTION
The KBMFxxSC6 is particularly optimized to perform ESD protection. ESD protection is based on the use
of device which clamps at:
Voutput = VBR + Rd.IPP
This protection function is splitted in 2 stages. As shown in figure 4, the ESD strikes are clamped by the
first stage S1 and then its remaining overvoltage is applied to the second stage through the resistor R.
Such a configuration makes the output voltage very low at the Voutput level.
To have a good approximation of the remaining voltages at both Vinput and Voutput stages, we give the
typical dynamical resistance value Rd. By taking into account these following hypothesis : Rt>Rd, Rg>Rd
and Rload>Rd, it gives these formulas:
The results of the calculation done for VPP=8kV, Rg=330Ω (IEC 61000-4-2 standard), VBR=7V (typ.) and
Rd = 1Ω (typ.) give:
Vinput = 31.2 V
Voutput = 7.8 V
This confirms the very low remaining voltage across the device to be protected. It is also important to note
that in this approximation the parasitic inductance effect was not taken into account. This could be few
tenths of volts during few ns at the input side. This parasitic effect is not present at the output side due the
low current involved after the resistance RS.
The measurements done here after show very clearly (figure 6) the high efficiency of the ESD protection :
- no influence of the parasitic inductances on output stage
- Voutput clamping voltage very close to VBR (positive strike) and -VF (negative strike)
Figure 4: ESD clamping behavior
ESD Surge
Vinput
Voutput
Rload
Rg
Rs
S1
Rd
V
BR
V
BR
V
PP
Device
to be
protected
KBMFxxSC6
Rd
S2
V
input
=
R
g
V
BR
R
d
V
g
+
R
g
------------------------------------------------------
V
output
=
R
s
V
BR
R
d
V
input
+
R
t
-----------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com