Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K-W4 Datasheet(PDF) 71 Page - STMicroelectronics

Part # LRIS2K-W4
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-W4 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LRIS2K-W4 Datasheet HTML 67Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 68Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 69Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 70Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 71Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 72Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 73Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 74Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
LRIS2K
Get System Info
71/102
34
Get System Info
When receiving the Get System Info command, the LRIS2K sends back its information data
in the request.The Option_flag is supported and must be reset to 0. The Get System Info
can be issued in both Addressed and Non Addressed modes.
Request parameter:
●
UID (optional)
Response parameters:
●
Information flags set to 0Fh. DSFID, AFI, memory size and IC reference fields are
present
●
UID code on 64 bits
●
DSFID value
●
AFI value
●
Memory size. The LRIS2K provides 64 blocks (3Fh) of 4 byte (03h)
●
IC Reference. Only the 6 MSB are significant. The product code of the LRIS2K is
00 1010b=10d
Response parameter:
●
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: other error
Table 59.
Get System Info request format
Request
SOF
Request
_flags
Get System
Info
UID
CRC16
Request
EOF
8 bits
2Bh
64 bits
16 bits
Table 60.
Get System Info response format when Error_flag is NOT set
Response
SOF
Response
_flags
Information
_flags
UID
DSFID AFI
Memory
Size
IC
reference
CRC16
Response
EOF
00h
0Fh
64 bits
8 bits 8 bits
033Fh 001000xxb 16 bits
Table 61.
Get System Info response format when Error_flag is set
Response SOF
Response_
flags
Error code
CRC16
Response EOF
01h
0Fh
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com