Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K-W4 Datasheet(PDF) 73 Page - STMicroelectronics

Part # LRIS2K-W4
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-W4 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button LRIS2K-W4 Datasheet HTML 69Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 70Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 71Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 72Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 73Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 74Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 75Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 76Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
LRIS2K
Get Multiple Block Security Status
73/102
35
Get Multiple Block Security Status
When receiving the Get Multiple Block Security Status command, the LRIS2K sends back
the block security status. The blocks are numbered from '00 to '3F' in the request and the
value is minus one (–1) in the field. For example, a value of '06' in the "Number of blocks"
field requests to return the security status of 7 blocks.
Request parameters:
●
UID (optional)
●
First block number
●
Number of blocks
NOT set
Response parameters:
●
Block Locking Status (see Table 64: Block Locking status)
●
N blocks of data
Response parameter:
●
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: other error
Table 62.
Get Multiple Block Security Status request format
Request
SOF
Request
_flags
Get
Multiple
Block
Security
Status
UID
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
2Ch
64 bits
8 bits
8 bits
16 bits
Table 63.
Get Multiple Block Security Status response format when Error_flag is
NOT set
Response
SOF
Response_
Flags
Block locking
status
CRC16
Response
EOF
8 bits
8 bits(1)
1.
Repeated as needed.
16 bits
Table 64.
Block Locking status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use. All
at 0
password control
bits
Read / Write
protection bits
0: Current Block not locked
1: Current Block locked
Table 65.
Get Multiple Block Security Status response format when Error_flag is
set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com