Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K-W4 Datasheet(PDF) 94 Page - STMicroelectronics

Part # LRIS2K-W4
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-W4 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button LRIS2K-W4 Datasheet HTML 90Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 91Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 92Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 93Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 94Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 95Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 96Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 97Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
Package mechanical data
LRIS2K
94/102
Figure 63. A7 antenna on tape outline
1.
Drawing is not to scale.
Table 97.
A7 antenna on tape mechanical data
Symbol
Parameter
Typ
Min
Max
Unit
A1
Coil width
40
39.5
40.5
mm
A2
Coil length
20
19.5
20.5
mm
B1
Antenna cut width
44
43.8
44.2
mm
B2
Antenna cut length
24
23.8
24.2
mm
C1
Die position from antenna
10
9.8
10.2
mm
C2
Die position from antenna
20
19.8
20.2
mm
Overall thickness of copper antenna coil
160
145
175
µm
Silicon thickness
180
165
195
µm
Q
Unloaded Q value
35
FNOM
Unloaded free-air resonance
15.1
MHz
PA
H-field energy for device operation
1
120
A/m
dbµA/m
C2
A2
B2
C1
C1
A1
B1
ai10121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com