Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K-W4 Datasheet(PDF) 77 Page - STMicroelectronics

Part # LRIS2K-W4
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-W4 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button LRIS2K-W4 Datasheet HTML 73Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 74Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 75Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 76Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 77Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 78Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 79Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 80Page - STMicroelectronics LRIS2K-W4 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
LRIS2K
Write Password
77/102
37
Write Password
On receiving the Write Password command, the LRIS2K uses the data contained in the
request to write the password and reports whether the operation was successful in the
request. The Option_flag is supported.
During the write cycle time, tW, there must be no modulation at all (neither 100% nor 10%).
Otherwise, the LRIS2K may not correctly program the data into the memory. The tW time is
equal to t1nom + 18 × 302 µs. After a successful write, the selected password must be locked
again by issuing a Lock Password command to re-activate the block protection.
Prior to writing the password for a block, the Write Password command erases the Protect
Status area of the block.
Request parameters:
●
UID (optional)
●
Password number (00h = Kill, 01h = Pswd1, 02h = Pswd2, 03h = Pswd3, other = Error)
●
Data
Response parameter:
●
32-bit password value. The response is sent back after the write cycle.
Response parameter:
●
Error code as Error_flag is set:
–
10h: block address not available
–
12h: block is locked
–
13h: block not programmed
Table 69.
Write Password request format
Request
SOF
Request
_flags
Write
Password
IC Mfg
code
UID
Password
number
Data
CRC16
Request
EOF
8 bits
B1h
02h
64 bits
8 bits
32 bits
16 bits
Table 70.
Write Password response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 71.
Write Password response format when Error_flag is set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com