Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 3Page - STMicroelectronics L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics L5953 Datasheet HTML 10Page - STMicroelectronics L5953 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
L5953
Block diagram and electrical specifications
7/31
Figure 2.
PIN connections
Table 4.
PIN function
Pin number
Pin name
Function
1
FGND
Analog ground
2
S2
Input voltage for LVW2
3
S1
Input voltage for LVW1
4
W2
LVW2 output
5
W1
LVW1 output
6
RES
Reset
7
CT
Timing capacitor
8
D
SPI serial input
9
C
SPI clock
10
Q
SPI serial output
11
S
SPI chip select
12
DGND
SPI ground
13
IRQ
Interrupt
14
HSD2
HSD2 output
15
VDD-LIN
Battery
16
N.C.
Not connected
17
HSD1
HSD1 output
18
SWGND
Switching ground
19
VDD-SW
PWM battery
20
DRAINOUT
Drain of the external MOS
FGND
S2
S1
W2
IRQ
VDD-LIN
HSD2
N.C.
HSD1
DRAINOUT
N.C.
GND
GATEIN
VSW
STCAP
VSPI
VSTBY
ADJ
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
SWGND
VDD-SW
D02AU1345A
Q
DGND
S
GATEOUT
SYNC
STRAP
9
8
7
28
29
30
C
VLR
10
27
W1
D
CT
VIN
FB
FBLR
14
12
11
23
25
26
RES
COMP
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com