Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 17Page - STMicroelectronics L5953 Datasheet HTML 18Page - STMicroelectronics L5953 Datasheet HTML 19Page - STMicroelectronics L5953 Datasheet HTML 20Page - STMicroelectronics L5953 Datasheet HTML 21Page - STMicroelectronics L5953 Datasheet HTML 22Page - STMicroelectronics L5953 Datasheet HTML 23Page - STMicroelectronics L5953 Datasheet HTML 24Page - STMicroelectronics L5953 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
L5953
Summary of the main operations
21/31
5
Summary of the main operations
5.1
Operation A
Test mode diagnostic procedure start
1) WREN instruction (
Figure 13.)
2) WSTA instruction (
Figure 14.)
5.2
Operation B
Read the diagnostic register
Case1: after a test mode diagnostic procedure start
1) RDIA instruction (
Figure 15.)
2) Diagnostic register output (
Figure 15.)
Note:
An operation B must follow an operation A. The delay between the end of the operations A
to the start of the operations B must be longer than 100
μS
5.3
Operation C
Write the status register
1) WREN instruction (
Figure 13.)
2) WSTA instruction (
Figure 18.)
5.4
Operation D
Read the status register
1) RSTA instruction (
Figure 19.)
2) Status Register output (
Figure 19.)
5.5
Operation E
Diagnostic procedure start
1) WREN instruction (
Figure 13.)
2) WSTA instruction (
Figure 16.)
5.6
Operation F
Read the diagnostic register
Case 2: after a diagnostic procedure start
1) RDIA instruction (
Figure 17.)
2) Diagnostic register output (
Figure 17.)
An operation F must follow an operation E, if the IRQ pin is not activated. The delay
between Operation E and Operation F must be longer than 100
μs. To be recognized, the
fault must be present without interruptions, during all the delays mentioned. After an
Operation F, the bit s0 of the status register is reset (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com