Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics L5953 Datasheet HTML 10Page - STMicroelectronics L5953 Datasheet HTML 11Page - STMicroelectronics L5953 Datasheet HTML 12Page - STMicroelectronics L5953 Datasheet HTML 13Page - STMicroelectronics L5953 Datasheet HTML 14Page - STMicroelectronics L5953 Datasheet HTML 15Page - STMicroelectronics L5953 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Block diagram and electrical specifications
L5953
12/31
Figure 3.
AC testing input output waveforms
DC characteristics (Tamb = -40 to 85°C, VSPI = 3V to 5.5V)
ILI
Input leakage current
5
μA
ILO
Output leakage current
±2
μA
VIL
Input low voltage
-0.3
0.3VSP
I
V
VIH
Input high voltage
0.7VSPI
VSPI+1
V
VOL
Output low voltage
IOL = 2mA
0.2VSPI
V
VOH
Output high voltage
IOH = -2mA
0.8VSPI
V
AC characteristics (Tamb = -40 to 85°C, VSPI = 3V to 5.5V
tSCLH
tSU
S setup time
50
ns
tCLSH
tSH
S hold time
50
ns
tCH
tWH
Clock high time
200
ns
tCL
tWL
Clock low time
300
ns
tCLCH
tRC
Clock rise time
1
μs
tCHCL
tFC
Clock fall time
1
μs
tDVCH
tDSU
Data In setup time
50
ns
tCHDX
tDH
Data In hold time
50
ns
tDLDH
tRI
Data In rise time
1
μs
tDHDL
tFI
Data in fall time
1
μs
tSHSL
tCS
S deselect time
4.5V < VSPI < 5.5V
3V < VSPI < 4.5V
200
250
ns
ns
tSHQZ
tDIS
Output disable time
150
ns
tQVCL
tV
Clock low to output valid
250
ns
tCLQX
tHO
Output hold time
0
ns
tQLQH
tRO
Output rise time
100
ns
tQHQL
tFO
Output fall time
100
ns
Table 7.
SPI interface (continued)
Symbol
Alt
Parameter
Test conditions
Min.
Max.
Unit
0.8VSPY
0.2VSPY
0.7VSPY
0.3VSPY
D03AU1479



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com