Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics L5953 Datasheet HTML 10Page - STMicroelectronics L5953 Datasheet HTML 11Page - STMicroelectronics L5953 Datasheet HTML 12Page - STMicroelectronics L5953 Datasheet HTML 13Page - STMicroelectronics L5953 Datasheet HTML 14Page - STMicroelectronics L5953 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
L5953
Block diagram and electrical specifications
11/31
IRH
Reset output leakage
VRT = VSTBY
10
μA
VCTth
Delay comparator threshold
0.5 x
VSTBY
VCThy
Delay comparator threshold
hysteresis
180
mV
ICT1
Timing capacitor output source
current
7.5
μA
RCT2
Timing capacitor output pull-down
equivalent resistor
150
Ω
Table 5.
Electrical characteristics (continued) (Tamb = 25°C, VDD = 14.4V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 6.
Diagnostic parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
HSD1W1
High side driver 1 overcurrent
warning activation
1A
HSD1W2
High side driver 1 open load
warning activation
HSD1 output voltage in test mode
3
V
HSD1W2
TEST
High side driver 1 vdd short
warning activation in test mode
HSD1 in test mode
measure VVDD-LIN-VHSD1
11.5
2
V
HSD2W1
High side driver 2 overcurrent
warning activation
0.5
A
HSD2W2
High side driver 2 open load
warning activation
HSD2 output voltage in test mode
3
V
HSD2W3
High side driver 2 vdd short
warning activation in test mode
HSD2 in test mode
measure VVDD-LIN-VHSD1
11.5
2
V
THW
Thermal warning activation
145
°C
IRQ - Interrupt request pin
IRQ-L
IRQ low voltage
Io = 1mA
0.4
V
IRQ-H
IRQ leakage
Virq = 5V
1
μA
Table 7.
SPI interface
Symbol
Alt
Parameter
Test conditions
Min.
Max.
Unit
Recommended DC operating voltage
VSPI
Supply voltage for SPI I/O
3
5.5
V
Input parameters (Tamb = 25°C, f = 1MHz)
CIN
Input capacitance (D)
8
pF
CIN
Input capacitance (others pins)
6
pF
tLPF
Input signal pulse width
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com