Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL5972D Datasheet(PDF) 9 Page - STMicroelectronics

Part # EVAL5972D
Description  2A switch step down switching regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5972D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button EVAL5972D Datasheet HTML 5Page - STMicroelectronics EVAL5972D Datasheet HTML 6Page - STMicroelectronics EVAL5972D Datasheet HTML 7Page - STMicroelectronics EVAL5972D Datasheet HTML 8Page - STMicroelectronics EVAL5972D Datasheet HTML 9Page - STMicroelectronics EVAL5972D Datasheet HTML 10Page - STMicroelectronics EVAL5972D Datasheet HTML 11Page - STMicroelectronics EVAL5972D Datasheet HTML 12Page - STMicroelectronics EVAL5972D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
L5972D
Application circuit
9/15
Figure 13.
Junction temperature vs
output current
Figure 14.
Efficiency vs output current
Figure 15.
Junction temperature vs
output current
Figure 16.
Efficiency vs output current
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
TJ(°C)
Vin=5V
Tamb.=25 °C
Vo=1.8V
Vo=2.5V
Vo=3.3V
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Io (A)
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vin=5V
Vo=1.8V
Vo=2.5V
Vo=3.3V
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
TJ(°C)
Vo=2.5V
Vo=3.3V
Vo=5V
Vin=12V
Tamb= 25°C
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Io (A)
Vin=12V
Vo=2.5V
Vo=3.3V
Vo=5V
Vin=12V
Vo=2.5V
Vo=3.3V
Vo=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com