Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL5972D Datasheet(PDF) 10 Page - STMicroelectronics

Part # EVAL5972D
Description  2A switch step down switching regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5972D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button EVAL5972D Datasheet HTML 6Page - STMicroelectronics EVAL5972D Datasheet HTML 7Page - STMicroelectronics EVAL5972D Datasheet HTML 8Page - STMicroelectronics EVAL5972D Datasheet HTML 9Page - STMicroelectronics EVAL5972D Datasheet HTML 10Page - STMicroelectronics EVAL5972D Datasheet HTML 11Page - STMicroelectronics EVAL5972D Datasheet HTML 12Page - STMicroelectronics EVAL5972D Datasheet HTML 13Page - STMicroelectronics EVAL5972D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application ideas
L5972D
10/15
6
Application ideas
Figure 17.
Positive buck-boost regulator
Figure 18.
Buck-boost regulator
Figure 19.
Dual output voltage with auxiliary winding
VIN=5V
C1
10uF
10V
Ceramic
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
L5972D
1
3
7
5
6
4
8
2
R3
4.7k
L1
33uH
24k
2.7k
C3
22nF
C4
100uF
16V
VOUT=12V/0.45A
C2
220pF
D2
STPS2L25U
M1
STN4NE03L
VIN=5V
C1
10uF
10V
Ceramic
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
L5972D
1
3
7
5
6
4
8
2
R3
4.7k
L1
33uH
2.7k
24k
C4
22nF
C5
100uF
16V
VOUT=-12V/0.45A
C3
220pF
C2
10uF
25V
Ceramic
VIN=12V
C1
10uF
25V
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
L5972D
1
3
7
5
6
4
8
2
R3
4.7k
C3
22nF
C4
100uF
10V
VOUT=3.3V
C2
220pF
VOUT1=5V
50mA
D2
STPS2L25U
C5
47uF
10V
N1
N2
n=N1/N2=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com