Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL5972D Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVAL5972D
Description  2A switch step down switching regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5972D Datasheet(HTML) 3 Page - STMicroelectronics

  EVAL5972D Datasheet HTML 1Page - STMicroelectronics EVAL5972D Datasheet HTML 2Page - STMicroelectronics EVAL5972D Datasheet HTML 3Page - STMicroelectronics EVAL5972D Datasheet HTML 4Page - STMicroelectronics EVAL5972D Datasheet HTML 5Page - STMicroelectronics EVAL5972D Datasheet HTML 6Page - STMicroelectronics EVAL5972D Datasheet HTML 7Page - STMicroelectronics EVAL5972D Datasheet HTML 8Page - STMicroelectronics EVAL5972D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
L5972D
Pin settings
3/15
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
OUT
GND
GND
COMP
1
3
2
4
VCC
GND
GND
FB
8
7
6
5
D02IN1367
Table 1.
Pin description
N°
Pin
Description
1
OUT
Regulator output.
2,3,6,7
GND
Ground.
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.23V. An external resistive divider is required for higher
output voltages.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com