Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL5972D Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL5972D
Description  2A switch step down switching regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5972D Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL5972D Datasheet HTML 1Page - STMicroelectronics EVAL5972D Datasheet HTML 2Page - STMicroelectronics EVAL5972D Datasheet HTML 3Page - STMicroelectronics EVAL5972D Datasheet HTML 4Page - STMicroelectronics EVAL5972D Datasheet HTML 5Page - STMicroelectronics EVAL5972D Datasheet HTML 6Page - STMicroelectronics EVAL5972D Datasheet HTML 7Page - STMicroelectronics EVAL5972D Datasheet HTML 8Page - STMicroelectronics EVAL5972D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2007
Rev 10
1/15
15
L5972D
2A switch step down switching regulator
Features
■ 2A internal switch
■ Operating input voltage from 4.4V to 36V
■ Output voltage adjustable from 1.235V to 35V
■ Low dropout operation: 100% duty cycle
■ 250kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Consumer: STB, DVD, TV, VCR, car radio,
LCD monitors
■ Networking: XDSL, modems, DC-DC modules
■ Computer: printers, audio/graphic cards,
optical storage, hard disk drive
■ Industrial: changers, car battery, DC-DC
converters
Figure 1.
Test application circuit
Description
The L5972D is a step down monolithic power
switching regulator with a minimum switch current
limit of 2A so it is able to deliver more than 1.5A
DC current to the load depending on the
application conditions.
The output voltage can be set from 1.235V to 35V.
The device uses an internal P-Channel D-MOS
transistor (with a typical Rdson of 250m
Ω) as
switching element to minimize the size of the
external components.
An internal oscillator fixes the switching frequency
at 250kHz.
Having a minimum input voltage of 4.4V only, it is
particularly suitable for 5V bus, available in all
computer related applications.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
SO8
www.st.com
D03IN1436
8
2
4
5
1
7
L5972D
C1
10
µF
35V
CERAMIC
C2
100
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 33
µH
6
D1
STPS2L40U
COMP
VCC
OUT
FB
GND


Similar Part No. - EVAL5972D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5986 STMICROELECTRONICS-EVAL5986 Datasheet
289Kb / 6P
2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
29-Oct-2009
More results

Similar Description - EVAL5972D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
2A SWITCH STEP DOWN SWITCHING REGULATOR
Rev. 3
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com